Part Number Hot Search : 
LG631 1N759 AHCNR51J AHCNR51F 4302T TLCR6800 TSSOP24 PE4909
Product Description
Full Text Search
 

To Download VCAT06AG18120YAT1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 high temperature automotive 150oc rated varistors v w (dc) dc working voltage [v] i l maximum leakage current at the working voltage [ a] v w (ac) ac working voltage [v] e t transient energy rating [j, 10x1000 s] v b breakdown votage [v @ 1ma dc ]i p peak current rating [a, 8x20 s] v c clamping votage [v @ ivc] cap capacitance [pf] @ 1khz specified and 0.5vrms general description avx high temperature multi-layer varistors are designed for underhood applica- tions. products have been tested, qualified, and specified to 150oc. the mlv advantage is emi/rfi attenuation in the off state. this allows designers the ability to combine the circuit protection and emi/rfi attenuation function into a single highly reliable device. features ? rated at 150c ? aec q200 qualified ? esd rating to 25kv contact ? emi/rfi attenuation in off state ? excellent current and energy handling applications ? under hood ? down hole drilling ? any high temperature application can type controlled area network varistor how to order at series automotive high temperature 01 case size 01 = 0603 02 = 0405 2-element 04 = 0612 4-element r packaging d = 7? (1000 pcs) r = 7? (4,000 pcs) t = 13? (10,000pcs) p termination p = ni barrier/ 100% sn (matte) avx part number v w (dc) v w (ac) v b i l e t i p cap case size elements canat01 -- 18 14 120 10 0.015 4 22 0603 1 canat02 -- 18 14 70 10 0.015 4 22 0405 2 canat04 -- 18 14 100 10 0.015 4 22 0612 4 can series v w (dc) dc working voltage [v] i l maximum leakage current at the working voltage [ a] v w (ac) ac working voltage [v] cap capacitance [pf] @ 1khz specified and 0.5vrms vcat type high temperature varistor how to order 06 case size 04 = 0402 06 = 0603 ag varistor series antennaguard 18 working voltage 18 = 18vdc 120 cap y non-std. cap tolerance a n/a t termination finish p = ni barrier/ 100% sn 1 reel size 1 = 7" 3 = 13" a reel quantity a = 4000 or 10,000 avx part number v w (dc) v w (ac) i l cap cap tolerance case size vcat06ag18120yat -- 18 14 10 12 +4, -2pf 0603 antennaguard series
14 high temperature automotive 150oc rated varistors physical dimensions t w l bl w p t bw l bl t bw p w l bl 0603 discrete dimensions mm (inches) lwtbwblp 1.600.15 0.800.15 0.90 max n/a 0.350.15 n/a (0.0630.006) (0.0320.006) (0.035 max) (0.0140.006) 0405 2 elements array dimensions mm (inches) lwtbwblp 1.000.15 1.370.15 0.66 max 0.360.10 0.200.10 0.64 ref (0.0390.006) (0.0540.006) (0.026 max) (0.0140.004) (0.0080.004) (0.025 ref) 0612 4 elements array dimensions mm (inches) lwtbwblp 1.600.20 3.200.20 1.22 max 0.410.10 0.18 0.76 ref (0.0630.008) (0.1260.008) (0.048 max) (0.0160.004) (0.008 ) (0.030 ref) +.010 -.003 +0.25 -0.08


▲Up To Search▲   

 
Price & Availability of VCAT06AG18120YAT1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X